Part Number Hot Search : 
101KL RU40120S LZ254 X18XX 74HC688 BOE100 L6205D D30PF03L
Product Description
Full Text Search
 

To Download TC624VPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TC622/TC624
Low Cost Single Trip Point Temperature Sensor
Features:
* Temperature Set Point Easily Programs with a Single External Resistor * Operates with 2.7V Power Supply (TC624) * TO-220 Package for Direct Mounting to Heatsink (TC622XAT) or Standard 8-Pin PDIP and SOIC
General Description:
The TC622 and TC624 are programmable solid-state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detector circuitry. The desired temperature set point is set by the user with a single external resistor. Ambient temperature is sensed and compared to the programmed set point. The OUT and OUT outputs are driven to their active state when the measured temperature exceeds the programmed set point. The TC622 has a power supply voltage range of 4.5V to 18.0V while the TC624 operates over a power supply range of 2.7V to 4.5V. Both devices are usable over a temperature range of -40C to +125C (TC622VXX, TC624VXX). Both devices feature low supply current making them suitable for portable applications. Eight-pin through-hole and surface mount packages are available. The TC622 is also offered in a 5-pin TO-220 package. The TC622 and TC624 are single point temperature detectors ideal for use in a wide variety of applications.
Applications:
* * * * * Power Supply Over-Temperature Detection Consumer Electronics Fire/Heat Detection UPSs, Amplifiers, Motors CPU Thermal Management in PCs
Device Selection Table
Part Number TC622COA TC622CPA TC622EAT TC622EOA TC622EPA TC622VAT TC622VOA TC622VPA TC624COA TC624CPA TC624EOA TC624EPA TC624VOA TC624VPA Voltage Operation 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 4.5V to 18V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V 2.7V to 4.5V Package 8-Pin SOIC 8-Pin PDIP 5-Pin TO-220 8-Pin SOIC 8-Pin PDIP 5-Pin TO-220 8-Pin SOIC 8-Pin PDIP 8-Pin SOIC 8-Pin PDIP 8-Pin SOIC 8-Pin PDIP 8-Pin SOIC 8-Pin PDIP Ambient Temperature 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +85C -40C to +125C -40C to +125C -40C to +125C 0C to +70C 0C to +70C -40C to +85C -40C to +85C -40C to +125C -40C to +125
(c) 2006 Microchip Technology Inc.
DS21440C-page 1
TC622/TC624
Package Type
PDIP
NC OUT OUT GND 1 2 3 4 8 NC VDD NC TSET NC OUT OUT GND 1 2 3 4
SOIC
8 NC VDD NC TSET
SOT-220
TC622CPA TC622EPA TC622VPA
7 6 5
TC622COA TC622EOA TC622VOA
7 6 5
TC622EAT TC622VAT
NC OUT OUT GND
1 2 3 4
8
NC
NC OUT
1 2 3 4
8
NC VDD
12345
TC624CPA TC624EPA TC624VPA
OUT OUT
+9V
OUT GND
6 5
NC TSET
6
NC
5 TSET
Note: For TO-220 Package, Pin 3 is connected to case heatsink.
Functional Block Diagram
9V Battery
RSET Horn 1 5 NC TSET VDD 7 Microcontrollers NC 8
TC622 TC624
6 4 OUT NC GND OUT
3
2 ALARM
DS21440C-page 2
(c) 2006 Microchip Technology Inc.
GND TSET
VDD
7
VDD
TC624COA TC624EOA TC624VOA
7
TC622/TC624
1.0 ELECTRICAL CHARACTERISTICS
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability.
Absolute Maximum Ratings*
Supply Voltage (TC622) ......................................... 20V (TC624) ........................................ 5.5V Input Voltage Any Input .. (GND - 0.3V) to (VDD +0.3V) Operating Temperature ...................... -40C to +125C C Version .............................. 0C to +70C E Version ........................... -40C to +85C V Version ......................... -40C to +125C Storage Temperature ......................... -65C to +150C
.
TC622/TC624 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Over operating temperature range, unless otherwise specified. Sym VDD IDD VOH Parameter Supply Voltage Range Supply Current Output Voltage (High) Output Voltage (Low) Output Voltage (High) Output Voltage (Low) Device TC622 TC624 TC622 TC624 Min 4.5 2.7 -- -- Typ -- -- 200 170 -- -- -- -- -- -- -- -- -- -- T1 T1 2 2 Max 18 4.5 600 300 -- -- 0.15 x VDD 0.30 x VDD 0.35 x VDD -- -- 0.1 x VDD 0.2 x VDD 0.25 x VDD T+5 T+5 -- -- V Unit V A V 5.0V VDD 18V 2.7V VDD 4.5V 5.0V VDD 18V, -40C TA +125C, IOH = 250 A IOH = 500 A -40C TA +85C, IOL = 500 A IOL = 1 mA -40C TA +125C, IOL = 1 mA 2.7V VDD 4.5V -40C TA +125C, IOH = 250 A IOH = 500 A -40C TA +85C, IOL = 500 A IOL = 1 mA -40C TA +125C, IOL = 1 mA TSET = Programmed Temperature TSET = Programmed Temperature Test Conditions
TC622 0.90 x VDD 0.80 x VDD
VOL
TC622
-- -- -- -- 0.90 x VDD 0.80 x VDD -- -- -- T-5 T-5 -- --
VOH
TC624
V V
VOL
TC624
TSET Absolute Accuracy TC622 TC624 OUT Trip Point Hysteresis TC622 TC624
C C
(c) 2006 Microchip Technology Inc.
DS21440C-page 3
TC622/TC624
2.0 PIN DESCRIPTION
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
Pin No. (8-Pin SOIC) (8-Pin PDIP) 1 2 3 4 5 6 7 8
PIN FUNCTION TABLE
Symbol NC OUT OUT GND TSET NC VDD NC No Internal Connection. Active low output. Active high output. Ground Terminal. Temperature set point. Connect an external 1% resistor from TSET to VCC to set trip point. No Internal Connection. Power supply input. No Internal Connection. Description
Pin No. (5-Pin SOT-220) 1 2 3 4 5
Symbol OUT OUT VDD GND TSET Active low output. Active high output. Power supply input. Ground Terminal.
Description
Temperature set point. Connect an external 1% resistor from TSET to VCC to set trip point.
DS21440C-page 4
(c) 2006 Microchip Technology Inc.
TC622/TC624
3.0
3.1
DETAILED DESCRIPTION
Trip Point Programming
3.2
Hysteresis
When the temperature of the device exceeds the programmed temperature trip point, TSET, the OUT and OUT outputs are driven into their active states. The desired trip point temperature is programmed with a single external resistor connected between the TSET input and VCC. The relationship between the resistor value and the trip point temperature is given by Equation 3-1.
To prevent output "chattering" at the trip point temperature, the temperature detector in the TC622/TC624 has 2C hysteresis (see Figure 3-2). The outputs are driven active when the temperature crosses the set point determined by the external resistor. As temperature declines below the set point, the hysteresis action will hold the outputs true until the temperature drops 2C below the threshold.
Temperature
EQUATION 3-1:
RTRIP = 0.5997 x T 2.1312 Where: RTRIP = Programming resistor value in Ohms T = Desired trip temperature in degrees Kelvin.
Set Point (Set Point - 2 Degrees C)
OUT
For example, as shown in Figure 3-1, to program the device to trip at 50C, the programming resistor is: RTRIP = 0.5997 x ((50 + 273.15)2.1312) = 133.65 k
OUT
FIGURE 3-2:
TC622/TC624 Hysteresis
250
RESISTANCE, RTRIP (k)
200
150
100
50 -55
-35
-15
5
25
45
65
85
105
125
TEMPERATURE (C)
FIGURE 3-1: Programming Resistor Values vs. Temperature
(c) 2006 Microchip Technology Inc.
DS21440C-page 5
TC622/TC624
4.0
4.1
TYPICAL APPLICATIONS
Over-Temperature Shutdown
4.2
Cooling and Heating Applications
The TC622 can be used to create a simple over-temperature shutdown circuit. In this circuit, temperature is sensed within the system enclosure (internal system ambient) or at the heatsink itself. When measured temperature exceeds a preset limit, a fault is indicated and the system shuts down. Figure 4-1 illustrates an over-temperature shutdown circuit using the TC622 sensor in a single TO-220 package, allowing direct attachment to the heatsink surface. As shown, the TC622 outputs are driven active when the heatsink temperature equals the trip point temperature set by RTRIP. When this happens, the crowbar circuit is activated, causing the supply output to fold back to zero. The TC622 outputs remain active until the heatsink temperature falls a minimum of 2C (built-in hysteresis) below the trip point temperature, at which time the device again allows normal supply operation.
Heatsink
The TC622/TC624 can be used to control a DC fan as shown in Figure 4-2. The fan turns on when the sensed temperature rises above TSET and remains on until the temperature falls below TSET - 2C. Figure 4-3 shows the TC622 acting as a heater thermostat. Circuit operation is identical to that of the cooling fan application.
Output Device
TC622
VCC Output Device VOUT
Circuit Board TC622 Heatsink Mounting
RTRIP
Power Good Signal
TC622
TSET VDD OUT GND OUT OVERTEMP Crowbar Circuit
Heatsink Surface
FIGURE 4-1:
TC622 Power Supply Over-Temperature Shutdown
DS21440C-page 6
(c) 2006 Microchip Technology Inc.
TC622/TC624
+2.7 to 4.5V +12V
+4.5 to 18.0V
+12V
RSET 1 NC VDD 7 NC 8 + DC Fan
RSET 1 VDD 7 NC NC 8 Heater
5T SET
5T SET
TC624
6 4 NC GND OUT 3 N-Channel Logic Level MOSFET
TC622
6 NC OUT OUT 2 N-Channel Level Logic MOSFET
OUT 2
4 GND
Temperature
Temperature
Fan "On"
TSET
TSET
TSET - 2 C
TSET - 2 C
OUT
OUT Heater "On"
FIGURE 4-2: for Notebook PC
TC624 As A Fan Controller FIGURE 4-3: Thermostat TC622 As A Heater
(c) 2006 Microchip Technology Inc.
DS21440C-page 7
TC622/TC624
5.0
5.1
PACKAGING INFORMATION
Package Marking Information
Package marking data not available at this time.
5.2
Taping Form
Component Taping Orientation for 8-Pin SOIC (Narrow) Devices
User Direction of Feed
Pin 1
W
P Standard Reel Component Orientation for 713 Suffix Device
Carrier Tape, Number of Components Per Reel and Reel Size
Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size
8-Pin SOIC (N)
12 mm
8 mm
2500
13 in
5.3
Package Dimensions
8-Pin Plastic DIP
Pin 1
.260 (6.60) .240 (6.10)
.045 (1.14) .030 (0.76) .400 (10.16) .348 (8.84) .200 (5.08) .140 (3.56) .150 (3.81) .115 (2.92)
.070 (1.78) .040 (1.02)
.310 (7.87) .290 (7.37)
.040 (1.02) .020 (0.51)
.015 (0.38) .008 (0.20) .400 (10.16) .310 (7.87)
3 Min.
.110 (2.79) .090 (2.29)
.022 (0.56) .015 (0.38)
Dimensions: inches (mm)
DS21440C-page 8
(c) 2006 Microchip Technology Inc.
TC622/TC624
5.4 Package Dimensions (Continued)
8-Pin SOIC
Pin 1
.157 (3.99) .150 (3.81)
.244 (6.20) .228 (5.79)
.050 (1.27) Typ.
.197 (5.00) .189 (4.80) .069 (1.75) .053 (1.35) .020 (0.51) .010 (0.25) .013 (0.33) .004 (0.10) .010 (0.25) .007 (0.18) .050 (1.27) .016 (0.40) Dimensions: inches (mm)
8 Max.
5-Pin TO-220
.185 (4.70) .165 (4.19) .117 (2.97) .103 (2.62) .415 (10.54) .390 (9.91) .156 (3.96) .140 (3.56) Dia. .055 (1.40) .045 (1.14)
.293 (7.44) .204 (5.18) .613 (15.57) .569 (14.45) 3 - 7.5 5 PLCS.
.590 (14.99) .482 (12.24)
.037 (0.95) .025 (0.64) .025 (0.64) .012 (0.30) .072 (1.83) .062 (1.57) .273 (6.93) .263 (6.68) .115 (2.92) .087 (2.21)
Pin 1
Dimensions: inches (mm)
(c) 2006 Microchip Technology Inc.
DS21440C-page 9
TC622/TC624
NOTES:
DS21440C-page 10
(c) 2006 Microchip Technology Inc.
TC622/TC624
SALES AND SUPPORT
Data Sheets Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following: 1. 2. 3. Your local Microchip sales office The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277 The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using. New Customer Notification System Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
(c) 2006 Microchip Technology Inc.
DS21440C-page 11
TC622/TC624
NOTES:
DS21440C-page 12
(c) 2006 Microchip Technology Inc.
Note the following details of the code protection feature on Microchip devices: * * Microchip products meet the specification contained in their particular Microchip Data Sheet. Microchip believes that its family of products is one of the most secure families of its kind on the market today, when used in the intended manner and under normal conditions. There are dishonest and possibly illegal methods used to breach the code protection feature. All of these methods, to our knowledge, require using the Microchip products in a manner outside the operating specifications contained in Microchip's Data Sheets. Most likely, the person doing so is engaged in theft of intellectual property. Microchip is willing to work with the customer who is concerned about the integrity of their code. Neither Microchip nor any other semiconductor manufacturer can guarantee the security of their code. Code protection does not mean that we are guaranteeing the product as "unbreakable."
*
* *
Code protection is constantly evolving. We at Microchip are committed to continuously improving the code protection features of our products. Attempts to break Microchip's code protection feature may be a violation of the Digital Millennium Copyright Act. If such acts allow unauthorized access to your software or other copyrighted work, you may have a right to sue for relief under that Act.
Information contained in this publication regarding device applications and the like is provided only for your convenience and may be superseded by updates. It is your responsibility to ensure that your application meets with your specifications. MICROCHIP MAKES NO REPRESENTATIONS OR WARRANTIES OF ANY KIND WHETHER EXPRESS OR IMPLIED, WRITTEN OR ORAL, STATUTORY OR OTHERWISE, RELATED TO THE INFORMATION, INCLUDING BUT NOT LIMITED TO ITS CONDITION, QUALITY, PERFORMANCE, MERCHANTABILITY OR FITNESS FOR PURPOSE. Microchip disclaims all liability arising from this information and its use. Use of Microchip's products as critical components in life support systems is not authorized except with express written approval by Microchip. No licenses are conveyed, implicitly or otherwise, under any Microchip intellectual property rights.
Trademarks The Microchip name and logo, the Microchip logo, Accuron, dsPIC, KEELOQ, microID, MPLAB, PIC, PICmicro, PICSTART, PRO MATE, PowerSmart, rfPIC, and SmartShunt are registered trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. AmpLab, FilterLab, Migratable Memory, MXDEV, MXLAB, SEEVAL, SmartSensor and The Embedded Control Solutions Company are registered trademarks of Microchip Technology Incorporated in the U.S.A. Analog-for-the-Digital Age, Application Maestro, dsPICDEM, dsPICDEM.net, dsPICworks, ECAN, ECONOMONITOR, FanSense, FlexROM, fuzzyLAB, In-Circuit Serial Programming, ICSP, ICEPIC, Linear Active Thermistor, MPASM, MPLIB, MPLINK, MPSIM, PICkit, PICDEM, PICDEM.net, PICLAB, PICtail, PowerCal, PowerInfo, PowerMate, PowerTool, Real ICE, rfLAB, rfPICDEM, Select Mode, Smart Serial, SmartTel, Total Endurance, UNI/O, WiperLock and Zena are trademarks of Microchip Technology Incorporated in the U.S.A. and other countries. SQTP is a service mark of Microchip Technology Incorporated in the U.S.A. All other trademarks mentioned herein are property of their respective companies. (c) 2006, Microchip Technology Incorporated, Printed in the U.S.A., All Rights Reserved. Printed on recycled paper.
Microchip received ISO/TS-16949:2002 quality system certification for its worldwide headquarters, design and wafer fabrication facilities in Chandler and Tempe, Arizona and Mountain View, California in October 2003. The Company's quality system processes and procedures are for its PICmicro(R) 8-bit MCUs, KEELOQ(R) code hopping devices, Serial EEPROMs, microperipherals, nonvolatile memory and analog products. In addition, Microchip's quality system for the design and manufacture of development systems is ISO 9001:2000 certified.
(c) 2006 Microchip Technology Inc.
DS21440C-page 13
WORLDWIDE SALES AND SERVICE
AMERICAS
Corporate Office 2355 West Chandler Blvd. Chandler, AZ 85224-6199 Tel: 480-792-7200 Fax: 480-792-7277 Technical Support: http://support.microchip.com Web Address: www.microchip.com Atlanta Alpharetta, GA Tel: 770-640-0034 Fax: 770-640-0307 Boston Westborough, MA Tel: 774-760-0087 Fax: 774-760-0088 Chicago Itasca, IL Tel: 630-285-0071 Fax: 630-285-0075 Dallas Addison, TX Tel: 972-818-7423 Fax: 972-818-2924 Detroit Farmington Hills, MI Tel: 248-538-2250 Fax: 248-538-2260 Kokomo Kokomo, IN Tel: 765-864-8360 Fax: 765-864-8387 Los Angeles Mission Viejo, CA Tel: 949-462-9523 Fax: 949-462-9608 San Jose Mountain View, CA Tel: 650-215-1444 Fax: 650-961-0286 Toronto Mississauga, Ontario, Canada Tel: 905-673-0699 Fax: 905-673-6509
ASIA/PACIFIC
Australia - Sydney Tel: 61-2-9868-6733 Fax: 61-2-9868-6755 China - Beijing Tel: 86-10-8528-2100 Fax: 86-10-8528-2104 China - Chengdu Tel: 86-28-8676-6200 Fax: 86-28-8676-6599 China - Fuzhou Tel: 86-591-8750-3506 Fax: 86-591-8750-3521 China - Hong Kong SAR Tel: 852-2401-1200 Fax: 852-2401-3431 China - Qingdao Tel: 86-532-8502-7355 Fax: 86-532-8502-7205 China - Shanghai Tel: 86-21-5407-5533 Fax: 86-21-5407-5066 China - Shenyang Tel: 86-24-2334-2829 Fax: 86-24-2334-2393 China - Shenzhen Tel: 86-755-8203-2660 Fax: 86-755-8203-1760 China - Shunde Tel: 86-757-2839-5507 Fax: 86-757-2839-5571 China - Wuhan Tel: 86-27-5980-5300 Fax: 86-27-5980-5118 China - Xian Tel: 86-29-8833-7250 Fax: 86-29-8833-7256
ASIA/PACIFIC
India - Bangalore Tel: 91-80-2229-0061 Fax: 91-80-2229-0062 India - New Delhi Tel: 91-11-5160-8631 Fax: 91-11-5160-8632 India - Pune Tel: 91-20-2566-1512 Fax: 91-20-2566-1513 Japan - Yokohama Tel: 81-45-471- 6166 Fax: 81-45-471-6122 Korea - Gumi Tel: 82-54-473-4301 Fax: 82-54-473-4302 Korea - Seoul Tel: 82-2-554-7200 Fax: 82-2-558-5932 or 82-2-558-5934 Malaysia - Penang Tel: 60-4-646-8870 Fax: 60-4-646-5086 Philippines - Manila Tel: 63-2-634-9065 Fax: 63-2-634-9069 Singapore Tel: 65-6334-8870 Fax: 65-6334-8850 Taiwan - Hsin Chu Tel: 886-3-572-9526 Fax: 886-3-572-6459 Taiwan - Kaohsiung Tel: 886-7-536-4818 Fax: 886-7-536-4803 Taiwan - Taipei Tel: 886-2-2500-6610 Fax: 886-2-2508-0102 Thailand - Bangkok Tel: 66-2-694-1351 Fax: 66-2-694-1350
EUROPE
Austria - Wels Tel: 43-7242-2244-399 Fax: 43-7242-2244-393 Denmark - Copenhagen Tel: 45-4450-2828 Fax: 45-4485-2829 France - Paris Tel: 33-1-69-53-63-20 Fax: 33-1-69-30-90-79 Germany - Munich Tel: 49-89-627-144-0 Fax: 49-89-627-144-44 Italy - Milan Tel: 39-0331-742611 Fax: 39-0331-466781 Netherlands - Drunen Tel: 31-416-690399 Fax: 31-416-690340 Spain - Madrid Tel: 34-91-708-08-90 Fax: 34-91-708-08-91 UK - Wokingham Tel: 44-118-921-5869 Fax: 44-118-921-5820
10/31/05
DS21440C-page 14
(c) 2006 Microchip Technology Inc.


▲Up To Search▲   

 
Price & Availability of TC624VPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X